| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV1117-33CDCY bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1117-33CDCY bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 24 page ![]() www.ti.com TLV1117 ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR SLVS561G – DECEMBER 2004 – REVISED APRIL 2006 TLV1117C ORDERING INFORMATION TA VO TYP PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING QFN – DRJ Reel of 1000 TLV1117-15CDRJR ZYH Tube of 80 TLV1117-15CDCY 1.5 V SOT-223 – DCY T2 Reel of 2500 TLV1117-15CDCYR TO-252 – KVU Reel of 2500 TLV1117-15CKVUR ZE15 QFN – DRJ Reel of 1000 TLV1117-18CDRJR ZYK Tube of 80 TLV1117-18CDCY 1.8 V SOT-223 – DCY T4 Reel of 2500 TLV1117-18CDCYR TO-252 – KVU Reel of 2500 TLV1117-18CKVUR ZE18 QFN – DRJ Reel of 1000 TLV1117-25CDRJR ZYM Tube of 80 TLV1117-25CDCY 2.5 V SOT-223 – DCY T6 Reel of 2500 TLV1117-25CDCYR TO-252 – KVU Reel of 2500 TLV1117-25CKVUR ZE25 QFN – DRJ Reel of 1000 TLV1117-33CDRJR ZYP 0 °C to 125°C Tube of 80 TLV1117-33CDCY 3.3 V SOT-223 – DCY V3 Reel of 2500 TLV1117-33CDCYR TO-252 – KVU Reel of 2500 TLV1117-33CKVUR ZE33 QFN – DRJ Reel of 1000 TLV1117-50CDRJR ZE50 Tube of 80 TLV1117-50CDCY 5 V SOT-223 – DCY VT Reel of 2500 TLV1117-50CDCYR TO-252 – KVU Reel of 2500 TLV1117-50CKVUR ZE50 PowerFLEX™– KTE Reel of 2000 TLV1117CKTER TLV1117C PowerFLEX/TO-252(2) – KTP Reel of 2000 TLV1117CKTPR TV1117 QFN – DRJ Reel of 1000 TLV1117CDRJR ZYS ADJ Tube of 80 TLV1117CDCY SOT-223 – DCY V4 Reel of 2500 TLV1117CDCYR TO-220 – KCS Tube of 50 TLV1117CKCS TLV1117C TO-252 – KVU Reel of 2500 TLV1117CKVUR TV1117 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) Complies with TO-252, variation AC 2 Submit Documentation Feedback |