| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV1117-33CDCY bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1117-33CDCY bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 24 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TLV1117-18IDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-18IKCS PREVIEW TO-220 KCS 3 50 TBD Call TI Call TI TLV1117-18IKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR TLV1117-25CDCY ACTIVE SOT-223 DCY 4 80 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-25CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR TLV1117-25CDCYR ACTIVE SOT-223 DCY 4 2500 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-25CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR TLV1117-25CDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-25CDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-25CKCS PREVIEW TO-220 KCS 3 50 TBD Call TI Call TI TLV1117-25CKTPR PREVIEW PFM KTP 2 3000 TBD Call TI Call TI TLV1117-25CKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR TLV1117-25IDCY ACTIVE SOT-223 DCY 4 80 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-25IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR TLV1117-25IDCYR ACTIVE SOT-223 DCY 4 2500 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-25IDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR TLV1117-25IDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-25IDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-25IKCS PREVIEW TO-220 KCS 3 50 TBD Call TI Call TI TLV1117-25IKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR TLV1117-33CDCY ACTIVE SOT-223 DCY 4 80 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-33CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR TLV1117-33CDCYR ACTIVE SOT-223 DCY 4 2500 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-33CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR TLV1117-33CDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-33CDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR TLV1117-33CKCS PREVIEW TO-220 KCS 3 50 TBD Call TI Call TI TLV1117-33CKTTR PREVIEW DDPAK/ TO-263 KTT 3 1000 TBD Call TI Call TI TLV1117-33CKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR TLV1117-33IDCY ACTIVE SOT-223 DCY 4 80 TBD CU SNPB Level-2-235C-1 YEAR TLV1117-33IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & CU SN Level-2-260C-1YEAR PACKAGE OPTION ADDENDUM www.ti.com 29-Sep-2006 Addendum-Page 2 |