| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250QT bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 130 page ![]() Functional description—application modules SN250 114/130 INT_FLAG [0x4600] 15 0-RW 14 0-RW 13 0-R 12 0-R 11 0-RW 10 0-R 9 0-R 8 0-R INT_WDOG INT_FAULT INT_TMR INT_GPIO INT_ADC INT_MACRX INT_MACTX INT_ MACTMR INT_SEC INT_SC2 INT_SC1 INT_SLEEP INT_BB INT_SIF INT_SW 0 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-RW 2 0-RW 1 0-R 0 INT_WDOG [15] Watchdog low watermark interrupt pending. Write is ignored in Application Mode. INT_FAULT [14] Memory protection fault interrupt pending. Write is ignored in Application Mode. INT_TMR [13] Timer interrupt pending. INT_GPIO [12] GPIO interrupt pending. INT_ADC [11] ADC interrupt pending. INT_MACRX [10] MAC receive interrupt pending. Write is ignored in Application Mode. INT_MACTX [9] MAC transmit interrupt pending. Write is ignored in Application Mode. INT_MACTMR [8] MAC timer interrupt pending. Write is ignored in Application Mode. INT_SEC [7] Security interrupt pending. Write is ignored in Application Mode. INT_SC2 [6] SC2 interrupt pending. INT_SC1 [5] SC1 interrupt pending. INT_SLEEP [4] Sleep Timer interrupt pending. Write is ignored in Application Mode. INT_BB [3] Baseband interrupt pending. Write is ignored in Application Mode. INT_SIF [2] SIF interrupt pending. Write is ignored in Application Mode. INT_SW [1] Software interrupt pending. Write is ignored in Application Mode. |