| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250QT bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 130 page ![]() Pin assignment SN250 8/130 21 GPIO0 I/O Digital I/O (enable GPIO0 with GPIO_CFG[7:4]) MOSI O SPI master data out of Serial Controller SC2 (enable SC2-3M with GPIO_CFG[7:4], select SPI with SC2_MODE, enable master with SC2_SPICFG[4]) MOSI I SPI slave data in of Serial Controller SC2 (enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable slave with SC2_SPICFG[4]) TMR1IA.1 I Capture Input A of Timer 1 (enable CAP1-0 with GPIO_CFG[7:4]) 22 GPIO1 I/O Digital I/O (enable GPIO1 with GPIO_CFG[7:4]) MISO I SPI master data in of Serial Controller SC2 (enable SC2-3M with GPIO_CFG[7:4], select SPI with SC2_MODE, enable master with SC2_SPICFG[4]) MISO O SPI slave data out of Serial Controller SC2 (enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable slave with SC2_SPICFG[4]) SDA I/O I2C data of Serial Controller SC2 (enable SC2-2 with GPIO_CFG[7:4], select I2C with SC2_MODE) TMR2IA.2 I Capture Input A of Timer 2 (enable CAP2-1 with GPIO_CFG[7:4]) 23 VDD_PADS Power Pads supply (2.1–3.6V) 24 GPIO2 I/O Digital I/O (enable GPIO2 with GPIO_CFG[7:4]) MSCLK O SPI master clock of Serial Controller SC2 (enable SC2-3M with GPIO_CFG[7:4], select SPI with SC2_MODE, enable master with SC2_SPICFG[4]) MSCLK I SPI slave clock of Serial Controller SC2 (enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable slave with SC2_SPICFG[4]) nSSEL I/O I2C clock of Serial Controller SC2 (enable SC2-2 with GPIO_CFG[7:4], select I2C with SC2_MODE) TMR2IB.2 I Capture Input B of Timer 2 (enable CAP2-1 with GPIO_CFG[7:4]) Table 1. Pin descriptions (continued) Pin # Signal Direction Description |