| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250QT bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 130 page ![]() Functional description—application modules SN250 66/130 SC1_RXERRB [0x449C] INT_SC1CFG [0x4624] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 SC1_RXERRB SC1_RXERRB 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 SC1_RXERRB [12:0] A byte offset (from 0) which points to the location of the first error in the DMA receive buffer B. If there is no error, it will hold the value zero. This register will not be updated by subsequent errors arriving in the DMA. The next error will only be recorded if the buffer unloads and is reloaded or the receive DMA is reset. 15 0-R 14 0-RW 13 0-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW 0 INT_ SC1PARERR INT_ SC1FRMERR INT_ SCTXULDB INT_ SCTXULDA INT_ SCRXULDB INT_ SCRXULDA INT_SCNAK INT_ SCCMDFIN INT_ SCTXFIN INT_ SCRXFIN INT_ SCTXUND INT_ SCRXOVF INT_ SCTXIDLE INT_ SCTXFREE INT_ SCRXVAL 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 INT_SC1PARERR [14] Parity error received (UART) interrupt enable. INT_SC1FRMERR [13] Frame error received (UART) interrupt enable. INT_SCTXULDB [12] DMA Tx buffer B unloaded interrupt enable. INT_SCTXULDA [11] DMA Tx buffer A unloaded interrupt enable. INT_SCRXULDB [10] DMA Rx buffer B unloaded interrupt enable. INT_SCRXULDA [9] DMA Rx buffer A unloaded interrupt enable. INT_SCNAK [8] Nack received (I2C) interrupt enable. INT_SCCMDFIN [7] START/STOP command complete (I2C) interrupt enable. INT_SCTXFIN [6] Transmit operation complete (I2C) interrupt enable. INT_SCRXFIN [5] Receive operation complete (I2C) interrupt enable. INT_SCTXUND [4] Transmit buffer underrun interrupt enable. INT_SCRXOVF [3] Receive buffer overrun interrupt enable. INT_SCTXIDLE [2] Transmitter idle interrupt enable. INT_SCTXFREE [1] Transmit buffer free interrupt enable. INT_SCRXVAL [0] Receive buffer has data interrupt enable. |