| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RYZ024A bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RYZ024A bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp |
|
26 / 40 page ![]() RYZ024A Datasheet R19DS0115EU0101 Rev.1.01 Page 26 of 38 Nov.14.22 Acronyms Acronym Definition ADC Analog to Digital Converter CPU Central Processing Unit DL Downlink ESD Electro-static discharge ETSI European Telecommunications Standard Institute GND Ground GPIO General Purpose Input Output I/O Input/Output I2C Inter-Integrated Circuit interface IMEI International Mobile Equipment Identity IP Internet Protocol JTAG Joint Test Action Group LGA Large Grid Array LNA Low-Noise Amplifier LTE Long Term Evolution, or 4G. Standard is developed by the 3GPP www.3gpp.org. MIMO Multiple In Multiple Out NAS Network Access Server OMADM Open Mobile Alliance Device Management PCM Pulse-Code Modulation PHY Physical Layer RED European Radio Equipment Directive SAW Surface Acoustic Wave (filter) RF Radio Frequency RoHS Restriction of Hazardous Substances Rx Reception S/N or SN: Serial Number SIM Subscriber Identification Module SMS Short Message Service SPI Serial Peripheral Interface Tx Transmission UART Universal Asynchronous Receiver Transmitter UE User Equipment UL Uplink USB Universal Serial Bus |