| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RYZ024A bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RYZ024A bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp |
|
36 / 40 page ![]() RYZ024A Datasheet R19DS0115EU0101 Rev.1.01 Page 36 of 38 Nov.14.22 Function Enabled Function Disabled Pad # Pad Name Primary Function Alternate Function Power Group Direction capability Direction set after boot up Pad type State @reset State @ deep- sleep State @sleep State @standby State @active Active Logical Level Configur -able by AT+SQN HWCFG Is internal Pull-up or Pull- down set ? default with inversed polarity. 48 WAK E0 WAKE0 Wake #0 input line (WAKE0, IN), disabled by default N/A PMU_ 5V In In IN HighZ HighZ HighZ HighZ HighZ High Yes 47 WAK E1 WAKE1, Wake #1 input line (WAKE1, IN), disabled by default. N/A PMU_ 5V In In IN HighZ HighZ HighZ HighZ HighZ High Yes 49 WAK E2 WAKE2, Wake #2 input line (WAKE2, IN), 36isabled by default. N/A PMU_ 5V In In IN HighZ HighZ HighZ HighZ HighZ High Yes 55 WAK E3 WAKE3, Wake #3 input line (WAKE3, IN), 36isabled N/A PMU_ 5V In In IN HighZ HighZ HighZ HighZ HighZ High Yes |