công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1986ABSTZ bảng dữ liệu(PDF) 27 Page - Analog Devices

tên linh kiện AD1986ABSTZ
Giải thích chi tiết về linh kiện  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ bảng dữ liệu(HTML) 27 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices AD1986ABSTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
AD1986A
Rev. 0 | Page 27 of 56
ADC SELECT (REGISTER 0x1A)
This register selects the record source for the ADC, independently for the right and left channels. The default value is 0x0000, which
corresponds to the MIC_1/2 input for both channels.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x1A
ADC
Select
x
x
x
x
x
LS2
LS1
LS0
x
x
x
x
x
RS2
RS1
RS0
0x0000
Table 84.
Register
LS [2:0]
Left Record Source
Function
000
MIC_1/2 selector left channel
Default
001
CD_IN
Left
010
Muted
–
011
AUX_IN
Left
100
LINE_IN
Left
101
Stereo output mix
Left
110
Mono output mix
Mono
LS [2:0]
(Left Record Select)
111
PHONE_IN
Mono
RS [2:0]
Right Record Source
000
MIC_1/2 selector left channel
Default
001
CD_IN
Right
010
Muted
–
011
AUX_IN
Right
100
LINE_IN
Right
101
Stereo output mix
Right
110
Mono output mix
Mono
RS [2:0]
(Right Record Select)
111
PHONE_IN
Mono
Table 85. Microphone Selector
OMS [2:0]1
MMIX2
2CMIC3
MS4
Left Channel5
Right Channel
000
0
0
0
MIC_1 (default)
000
0
0
1
MIC_2
000
0
1
0
MIC_1
MIC_2
000
0
1
1
MIC_2
MIC_1
000
1
x
x
MIC_1 + MIC_2 (mixed)
001
0
0
0
LINE_IN left
001
0
0
1
LINE_IN right
001
0
1
0
LINE_IN left
LINE_IN right
001
0
1
1
LINE_IN right
LINE_IN left
001
1
x
x
Line in—left + right (mixed)
01x
0
0
0
CENTER
01x
0
0
1
LFE
01x
0
1
0
CENTER
LFE
01x
0
1
1
LFE
CENTER
01x
1
x
x
CENTER + LFE (mixed)
100
0
0
0
MIC_1 + CENTER (mixed)
100
0
0
1
MIC_2 + LFE (mixed)
100
0
1
0
MIC_1 + CENTER (mixed)
MIC_2 + LFE (mixed)
100
0
1
1
MIC_2 + LFE (mixed)
MIC_1 + CENTER (mixed)
100
1
x
x
MIC_1 + MIC_2 + CENTER + LFE (mixed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56