| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7142 bảng dữ liệu(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 bảng dữ liệu(HTML) 42 Page - Analog Devices |
|
42 / 68 page ![]() AD7142 Rev. 0 | Page 42 of 68 Address Data Bit Default Value Type Name Description [4] 0 STAGE4_LOW_INT_EN STAGE4 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [5] 0 STAGE5_LOW_INT_EN STAGE5 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [6] 0 STAGE6_LOW_INT_EN STAGE6 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [7] 0 STAGE7_LOW_INT_EN STAGE7 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [8] 0 STAGE8_LOW_INT_EN STAGE8 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [9] 0 STAGE9_LOW_INT_EN STAGE9 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [10] 0 STAGE10_LOW_INT_EN STAGE10 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [11] 0 STAGE11_LOW_INT_EN STAGE11 low interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 low threshold is exceeded [13:12] 0 GPIO_SETUP GPIO setup 00 = disable GPIO pin 01 = configure GPIO as an input 10 = configure GPIO as an active low output 11 = configure GPIO as an active high output [15:14] 0 GPIO_INPUT_CONFIG GPIO input configuration 00 = triggered on negative level 01 = triggered on positive edge 10 = triggered on negative edge 11 = triggered on positive level Table 25. STAGE_HIGH_INT_EN Register Address Data Bit Default Value Type Name Description 0x006 [0] 0 R/W STAGE0_HIGH_INT_EN STAGE0 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [1] 0 STAGE1_HIGH_INT_EN STAGE1 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [2] 0 STAGE2_HIGH_INT_EN STAGE2 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [3] 0 STAGE3_HIGH_INT_EN STAGE3 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |