| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7540TR bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7540TR bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 44 page ![]() Functional description ST7540 32/44 6.8 Control register The ST7540 is a multi-channel and multifunction transceiver. An internal 24 or 48 Bits (in Extended mode) Control Register allows to manage all the programmable parameters (Table 12). The programmable functions are: ● Channel Frequency ● Baud Rate ● Deviation ● Watchdog ● Transmission Timeout ● Frequency Detection Time ● Detection Method ● Mains Interfacing Mode ● Output Clock ● Sensitivity Mode ● Input Pre-Filter In addition to these functions the Extended mode provides 24 additional bits and others functions: ● Output Level Freeze ● Frame Header Recognizes (one 16 bits header of or two 8 bits headers) with support to Frame Length Bit count |