| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7540TR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7540TR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 44 page ![]() Functional description ST7540 18/44 6.4 ST7540 Mains access ST7540 can access the Mains in two different ways: ● Synchronous access ● Asynchronous access The choice between the two types of access can be performed by means of Control Register bit 14(see Table 12) and affects the ST7540 data flow in Transmission Mode as in Reception Mode (for how to set the communication Mode, see Section 6.5). In data transmission mode: ● Synchronous Mains access: on clock signal provided by ST7540 (CLR/T line) rising edge, data transmission line (TxD line) value is read and sent to the FSK Modulator. ST7540 manages the Transmission timing according to the BaudRate Selected. ● Asynchronous Mains access: data transmission line (TxD line) value enters directly to the FSK Modulator. The Host Controller manages the Transmission timing (CLR/T line should be neglected). In data reception mode: ● Synchronous Mains access: on clock signal recovered by a PLL from ST7540 (CLR/T line) rising edge, value on FSK Demodulator is read and put to the data reception line (RxD line). ST7540 recovers the bit timing timing according to the BaudRate Selected. ● Asynchronous Mains access: Value on FSK Demodulator is sent directly to the data reception line (RxD line). The Host Controller recovers the communication timing (CLR/T line should be neglected). 76 600 -- 132.5 600 -- 1 75684 76335 1 132161 132813 1200 0.5 75684 76335 1200 0.5 132161 132813 1 75358 76660 1 131836 133138 2400 0.5 75358 76660 2400 0.5 131836 133138 1 74870 77148 1 131348 133626 4800 0.5 74870 77148 4800 0.5 131348 133626 1 73568 78451 1 130046 134928 Table 8. ST7540 synthesized frequencies |