công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P83C652EBPN bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện P83C652EBPN
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontrollers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C652EBPN bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button P83C652EBPN Datasheet HTML 8Page - NXP Semiconductors P83C652EBPN Datasheet HTML 9Page - NXP Semiconductors P83C652EBPN Datasheet HTML 10Page - NXP Semiconductors P83C652EBPN Datasheet HTML 11Page - NXP Semiconductors P83C652EBPN Datasheet HTML 12Page - NXP Semiconductors P83C652EBPN Datasheet HTML 13Page - NXP Semiconductors P83C652EBPN Datasheet HTML 14Page - NXP Semiconductors P83C652EBPN Datasheet HTML 15Page - NXP Semiconductors P83C652EBPN Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
12
AC ELECTRICAL CHARACTERISTICS1, 2 (16 MHz type)
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
2
Oscillator frequency
3.5
16
MHz
tLHLL
2
ALE pulse width
85
2tCLCL–40
ns
tAVLL
2
Address valid to ALE low
8
tCLCL–55
ns
tLLAX
2
Address hold after ALE low
28
tCLCL–35
ns
tLLIV
2
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
2
ALE low to PSEN low
23
tCLCL–40
ns
tPLPH
2
PSEN pulse width
143
3tCLCL–45
ns
tPLIV
2
PSEN low to valid instruction in
83
3tCLCL–105
ns
tPXIX
2
Input instruction hold after PSEN
0
0
ns
tPXIZ
2
Input instruction float after PSEN
38
tCLCL–25
ns
tAVIV
2
Address to valid instruction in
208
5tCLCL–105
ns
tPLAZ
2
PSEN low to address float
10
10
ns
Data Memory
tRLRH
3, 4
RD pulse width
275
6tCLCL–100
ns
tWLWH
3, 4
WR pulse width
275
6tCLCL–100
ns
tRLDV
3, 4
RD low to valid data in
148
5tCLCL–165
ns
tRHDX
3, 4
Data hold after RD
0
0
ns
tRHDZ
3, 4
Data float after RD
55
2tCLCL–70
ns
tLLDV
3, 4
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
3, 4
Address to valid data in
398
9tCLCL–165
ns
tLLWL
3, 4
ALE low to RD or WR low
138
238
3tCLCL–50
3tCLCL+50
ns
tAVWL
3, 4
Address valid to WR low or RD low
120
4tCLCL–130
ns
tQVWX
3, 4
Data valid to WR transition
3
tCLCL–60
ns
tDW
3, 4
Data setup time before WR
288
7tCLCL–150
ns
tWHQX
3, 4
Data hold after WR
13
tCLCL–50
ns
tRLAZ
3, 4
RD low to address float
0
0
ns
tWHLH
3, 4
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
Shift Register
tXLXL
5
Serial port clock cycle time3
0.75
12tCLCL
µs
tQVXH
5
Output data setup to clock rising edge3
492
10tCLCL–133
ns
tXHQX
5
Output data hold after clock rising edge3
80
2tCLCL–117
ns
tXHDX
5
Input data hold after clock rising edge3
0
0
ns
tXHDV
5
Clock rising edge to input data valid3
492
10tCLCL–133
ns
External Clock
tCHCX
6
High time3
20
20
tCLCL – tCLCX
ns
tCLCX
6
Low time3
20
20
tCLCL – tCHCX
ns
tCLCH
6
Rise time3
20
20
ns
tCHCL
6
Fall time3
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. These values are characterized but not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com