công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CEP15M3 bảng dữ liệu(PDF) 1 Page - CET-MOS Technology Corp.

tên linh kiện CEP15M3
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CET-MOS [CET-MOS Technology Corp.]
Trang chủ  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEP15M3 bảng dữ liệu(HTML) 1 Page - CET-MOS Technology Corp.

  CEP15M3 Datasheet HTML 1Page - CET-MOS Technology Corp. CEP15M3 Datasheet HTML 2Page - CET-MOS Technology Corp. CEP15M3 Datasheet HTML 3Page - CET-MOS Technology Corp. CEP15M3 Datasheet HTML 4Page - CET-MOS Technology Corp. CEP15M3 Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Enhancement Mode Field Effect Transistor
CEP15M3/CEB15M3
FEATURES
30V, 188A, RDS(ON) = 2.1 mΩ @VGS = 10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
TO-220 & TO-263 package.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous@ TC = 25 C
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
30
1
125
752
188
±20
V
W
A
A
V
W/ C
1
G
S
S
D
D
G
CEB SERIES
TO-263(DD-PAK)
CEP SERIES
TO-220
RDS(ON) = 3.2 mΩ @VGS = 4.5V.
RoHS compliant.
http://www.cet-mos.com
Rev 2. 2017.Sep.
S
G
D
@ TC = 100 C
119
A
Details are subject to change without notice .
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
62.5
1
RθJC
RθJA
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Single Pulsed Avalanche Energy d
Single Pulsed Avalanche Current d
EAS
IAS
33
544
A
mJ


Số phần tương tự - CEP15M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CET-MOS Technology Corp...
CEP1588S CET-MOS-CEP1588S Datasheet
435Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.Aug
logo
Chino-Excel Technology
CEP15A03 CET-CEP15A03 Datasheet
401Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEP15A03 CET-MOS-CEP15A03 Datasheet
615Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2010.June
CEP15N60LN CET-MOS-CEP15N60LN Datasheet
532Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Jan
CEP15N60SA CET-MOS-CEP15N60SA Datasheet
449Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2022.July
More results

Mô tả tương tự - CEP15M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com