| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMLQ25201T-R47MSR bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HMLQ25201T-R47MSR bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp |
|
51 / 52 page ![]() DA9080 High Current, Highly Configurable System PMIC with Four Bucks and One LDO Datasheet Revision 1.2 08-Feb-2022 CFR0011-120-00 51 of 51 © 2022 Renesas Electronics Status Definitions Revision Datasheet Status Product Status Definition 1.<n> Target Development This datasheet contains the design specifications for product development. Specifications may be changed in any manner without notice. 2.<n> Preliminary Qualification This datasheet contains the specifications and preliminary characterization data for products in pre-production. Specifications may be changed at any time without notice in order to improve the design. 3.<n> Final Production This datasheet contains the final specifications for products in volume production. The specifications may be changed at any time in order to improve the design, manufacturing and supply. Major specification changes are communicated via Customer Product Notifications. Datasheet changes are communicated via www.dialog-semiconductor.com. 4.<n> Obsolete Archived This datasheet contains the specifications for discontinued products. The information is provided for reference only. RoHS Compliance Dialog Semiconductor’s suppliers certify that its products are in compliance with the requirements of Directive 2011/65/EU of the European Parliament on the restriction of the use of certain hazardous substances in electrical and electronic equipment. RoHS certificates from our suppliers are available on request. |