công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA7212 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện DA7212
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  DA7212 Datasheet HTML 1Page - Renesas Technology Corp DA7212 Datasheet HTML 2Page - Renesas Technology Corp DA7212 Datasheet HTML 3Page - Renesas Technology Corp DA7212 Datasheet HTML 4Page - Renesas Technology Corp DA7212 Datasheet HTML 5Page - Renesas Technology Corp DA7212 Datasheet HTML 6Page - Renesas Technology Corp DA7212 Datasheet HTML 7Page - Renesas Technology Corp DA7212 Datasheet HTML 8Page - Renesas Technology Corp DA7212 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
1 of 135
© 2022 Renesas Electronics
General Description
The DA7212 is an ultra-low power audio codec targeting portable audio devices. The input paths
support stereo FM line input and up to four analogue (or two analogue and two digital) microphones
with two independent microphone biases. Comprehensive analogue mixing and bypass paths to the
output drivers are available.
The headphone output is true-ground Class G with integrated charge pump. There is also a
differential Class AB speaker driver that can serve as a mono lineout.
Digital audio transfer to/from the external processor is via a bi-directional digital audio interface that
supports all common sample rates and formats. The device may be operated in slave or master
modes using the internal PLL which may be bypassed if not required.
To fully optimise each customer application, a range of built in filtering, equalisation and audio
enhancements are available. These are accessible by the processor over the I2C serial interface.
Key Features
■ 100 dB SNR stereo audio playback into 16 Ω
headphones
■ 3.1 mW power consumption for stereo DAC to
headphone playback
■ 1.2 W mono speaker driver
■ 650 µW mono voice record
■ Stereo digital microphone support
■ Supports up to four analogue microphones
■ Two low-noise microphone-bias outputs
■ Low-power PLL provides system clocking and
audio sample rate flexibility
■ Built-in 5-band equaliser, ALC and noise-gate
functions
■ Built-in beep generator
■ Integrated system controller to eliminate pops
and clicks
■ Minimised external component count
■ 34-ball WL-CSP (4.54 mm x 1.66 mm)
package
■ Staggered 0.5 mm pitch for easy PCB routing
allowing low cost manufacture
Applications
■ Personal Media Players
■ Audio headphone/headsets
■ Wearables
■ Embedded applications
■ Arduino compatible development systems
Figure 1: The DA7212 chip


Số phần tương tự - DA7212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dialog Semiconductor
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7212 RENESAS-DA7212 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212-01UM2 RENESAS-DA7212-01UM2 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212-01UM6 RENESAS-DA7212-01UM6 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212 RENESAS-DA7212_V01 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
More results

Mô tả tương tự - DA7212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com