công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA7211 bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện DA7211
Giải thích chi tiết về linh kiện  Ultra-low power stereo codec
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7211 bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  DA7211 Datasheet HTML 1Page - Renesas Technology Corp DA7211 Datasheet HTML 2Page - Renesas Technology Corp DA7211 Datasheet HTML 3Page - Renesas Technology Corp DA7211 Datasheet HTML 4Page - Renesas Technology Corp DA7211 Datasheet HTML 5Page - Renesas Technology Corp DA7211 Datasheet HTML 6Page - Renesas Technology Corp DA7211 Datasheet HTML 7Page - Renesas Technology Corp DA7211 Datasheet HTML 8Page - Renesas Technology Corp DA7211 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
DA7211
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
4 of 110
© 2021 Renesas Electronics
Figure 11: DAC DC blocking (cut-off frequency setting ‘00’ to ‘11’, 48 kHz)....................................... 33
Figure 12: DAC pass band attenuation (audio mode, 48 kHz)............................................................ 34
Figure 13: DAC pass band suppression (audio mode, 48 kHz) .......................................................... 34
Figure 14: DA7211 audio signal paths ................................................................................................ 35
Figure 15: Digital signal processing engine (simplified block diagram) .............................................. 38
Figure 16: Direct form I implementation of a second order IIR filter ................................................... 38
Figure 17: Band 5 (LP 50 Hz) frequency response at FS = 48 kHz.................................................... 41
Figure 18: Band 5 (BP 150 Hz) frequency response at FS = 48 kHz ................................................. 41
Figure 19: Band 5 (BP 500 Hz) frequency response at FS = 48 kHz ................................................. 41
Figure 20: Band 5 (BP 2500 Hz) frequency response at FS = 48 kHz ............................................... 42
Figure 21: Band 5 (HP 5000 Hz) frequency response at FS = 48 kHz ............................................... 42
Figure 22: Record only ........................................................................................................................ 43
Figure 23: Record with sound monitor ................................................................................................ 43
Figure 24: Stereo playback (for example, freefield headphone equalisation)..................................... 44
Figure 25: Sound spatialiser for stereo speaker ................................................................................. 44
Figure 26: Voice mode recording high pass filter (cut-off frequency setting ‘000’ to ‘111’, 8 kHz) .... 45
Figure 27: Voice mode recording frequency response (setting ‘001’, 8 kHz) ..................................... 46
Figure 28: Voice mode recording stop band suppression (8 kHz) ...................................................... 46
Figure 29: Voice mode playback high-pass filter (cut-off frequency setting ‘000’ to ‘111’, 16 kHz)... 47
Figure 30: Voice mode playback frequency response (setting ‘001’, 8 kHz) ...................................... 47
Figure 31: Voice mode playback stop band suppression (8 kHz) ....................................................... 48
Figure 32: Transmit (red), receive (green) and sidetone (blue) sound filtering for phone applications
............................................................................................................................................................. 48
Figure 33: Right justified format .......................................................................................................... 49
Figure 34: Left justified format ............................................................................................................. 50
Figure 35: I2S format........................................................................................................................... 50
Figure 36: DSP format......................................................................................................................... 50
Figure 37: TDM left justified format ..................................................................................................... 51
Figure 38: TDM DSP format ................................................................................................................ 51
Figure 39: PLL master mode start up sequence ................................................................................. 56
Figure 40: Non-PLL mode start-up sequence ..................................................................................... 59
Figure 41: PLL Slave mode start-up sequence ................................................................................... 61
Figure 42: PLL block diagram ............................................................................................................. 62
Figure 43: Schematic of a 2-wire control bus ...................................................................................... 62
Figure 44: 2-wire byte write (SI/DATA line) ......................................................................................... 63
Figure 45: Examples of 2-wire byte read (SI/DATA line) .................................................................... 63
Figure 46: Examples of 2-wire page read (SI/DATA line) ................................................................... 64
Figure 47: 2-wire page write (SI/DATA line)........................................................................................ 64
Figure 48: 2-wire repeated write (SI/DATA line).................................................................................. 64
Figure 49: 36 bump WL-CSP 0.5mm pitch package outline drawing ............................................... 103
Tables
Table 1: Pin description ....................................................................................................................... 10
Table 2: Absolute maximum ratings .................................................................................................... 13
Table 3: Recommended operating conditions..................................................................................... 13
Table 4: Power dissipation table ......................................................................................................... 14
Table 5: Power consumption figures 1: ............................................................................................... 15
Table 6: Power consumption figures 2: ............................................................................................... 15
Table 7: Electrical characteristics: Microphone bias ........................................................................... 16
Table 8: Electrical characteristics: Input mixing units.......................................................................... 16
Table 9: Electrical characteristics: Analogue to digital converter (ADC)............................................. 17
Table 10: Electrical characteristics: Digital to analogue converter (DAC)........................................... 18
Table 11: Electrical characteristics: Line out and receiver amplifier ................................................... 19
Table 12: Electrical characteristics: Dynamic charge pump................................................................ 20
Table 13: Electrical characteristics: Headphone amplifier .................................................................. 21
Table 14: Electrical characteristics: Phase locked loop (MCLK)......................................................... 22
Table 15: Electrical characteristics: Digital I/O .................................................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com