công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56366 bảng dữ liệu(PDF) 23 Page - Motorola, Inc

tên linh kiện DSP56366
Giải thích chi tiết về linh kiện  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 bảng dữ liệu(HTML) 23 Page - Motorola, Inc

Back Button DSP56366 Datasheet HTML 17Page - Motorola, Inc DSP56366 Datasheet HTML 18Page - Motorola, Inc DSP56366 Datasheet HTML 19Page - Motorola, Inc DSP56366 Datasheet HTML 20Page - Motorola, Inc DSP56366 Datasheet HTML 21Page - Motorola, Inc DSP56366 Datasheet HTML 22Page - Motorola, Inc DSP56366 Datasheet HTML 23Page - Motorola, Inc DSP56366 Datasheet HTML 24Page - Motorola, Inc DSP56366 Datasheet HTML 25Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 23 of 25
 1997 -2001, Motorola
ED40
Description (added 11/11/99):
When an instruction with all the following conditions follows a repeat
instruction, then the last move will be corrupted.:
1. The repeated instruction is from external memory.
2. The repeated instruction is a DALU instruction that includes 2 DAL
registers, one as a source, and one as destination (e.g. tfr, add).
3. The repeated instruction has a double move in parallel to the DALU
instruction: one move’s source is the destination of the DALU instruction
(causing a DALU interlock); the other move’s destination is the source of
the DALU instruction.
Example:
rep #number
tfr x0,a
x(r0)+,x0
a,y0 ; This instruction is from external memory
|__|_________|------|----------> This is condition 3 second part.
|_____________|----------> This is condition 3, first part - DALU interlock
In this example, the second iteration before the last, the "x(r0)+,x0" doesn’t
happen. On the first iteration before the last, the X0 register is fixed with
the "x(r0)+,x0", but the "tfr x0,a" gets the wrong value from the previous
iteration’s X0. Thus, at the last iteration the A register is fixed with "tfr
x0,a", but the "a,y0" transfers the wrong value from the previous iteration’s
A register to Y0.
Workaround:
1. Use the DO instruction instead; mask any necessary interrupts before the
DO.
2. Run the REP instructions from internal memory.
3. Don’t make DALU interlocks in the repeated instruction. After the
repeat make the move. In the example above, all the "move a,y0" are
redundant so it can be done in the next instruction:
rep #number
tfr x0,a
x(r0)+,x0
move a,y0
If no interrupts before the move is a must, mask the interrupts before the
REP. Pertains to: DSP56300 Family Manual, Rev. 2, Section A.3,
“Instruction Sequence Restrictions.”
2J26D
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com