| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
85408BGLF bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
85408BGLF bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp |
|
15 / 17 page ![]() LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK 15 Rev C 1/5/15 85408 DATA SHEET Revision History Sheet Rev Table Page Description of Change Date A T6 T8 9 11 Reliability Table - revised air flow from Linear Feet per Minute to Meters per Second. Ordering Information Table - corrected typo in Part/Order Number from ICS8540BG to ICS85408BG. 5/6/04 A 1 Pin Assignment - corrected package information from 300-MIL to 173-MIL. 8/25/04 A T8 1 11 Features Section - added Lead-Free bullet. Corrected Block Diagram. Ordering Information Table - added Lead-Free information. 4/25/05 A T8 11 Ordering Information Table - added Lead-Free part number. 12/6/07 B T5 5 6 12 AC Characteristics Table - added Additive Phase Jitter spec. Added Additive Phase Jitter Plot. Added Power Considerations section. Converted datasheet format. 6/24/09 CT9 1 14 Features section - removed leaded device references. Ordering information - removed leaded devices. PDN CQ-13-02 expired. Updated datasheet format. 1/5/15 |