| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
85408BGLF bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
85408BGLF bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp |
|
11 / 17 page ![]() LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK 11 Rev C 1/5/15 85408 DATA SHEET 3.3V LVDS Driver Termination A general LVDS interface is shown in Figure 3. In a 100 differential transmission line environment, LVDS drivers require a matched load termination of 100 across near the receiver input. For a multiple LVDS outputs buffer, if only partial outputs are used, it is recommended to terminate the unused outputs. Figure 3. Typical LVDS Driver Termination 3.3V LVDS Driver R1 100 Ω – + 3.3V 50 Ω 50 Ω 100 Ω Differential Transmission Line |