| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95P16-EXCS/EF bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95P16-EXCS/EF bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 63 page ![]() 7 Power-up/down 7.1 Power-up/down Figure 34. Power-up timing VCC (max) VCC (min) VPOR V Time Chip select low not allowed Device fully accessible tVSL Reset state Figure 35. Power-down timing VCC (max) VCC (min) VPOR V Time Chip select low not allowed Device fully accessible tPWD tVSL Table 14. Power-up/down conditions Parameter Symbol Min Max Unit Power-up VCC(min) to S low(1) tVSL 30(2) - µs Power-on reset voltage(1) VPOR 1.1 1.45 V Power-down Power-down time for reset(1) tPWD 10 - µs Power-on reset voltage(1) VPOR 1.1 1.45 V 1. Evaluated by characterization, not tested in production. 2. The WIP bit can be monitored after TVSL has elapsed (WIP = 1 at power-up and before tVSL = 30 µs). M95P16-I M95P16-E Power-up/down DS13710 - Rev 1 page 41/63 |