| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95P16-EXCS/EF bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95P16-EXCS/EF bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 63 page ![]() 6.11 Fast read dual output with one dummy byte (3Bh) The Fast read dual output with one dummy byte (FDREAD) instruction is similar to the Fast read single output with one dummy byte (0Bh) instruction, except that data is output on pins DQ1 and DQ0. This allows the data to be transferred at the highest possible frequency of fC (see Table 27. AC characteristics - Other parameters). The instruction is initiated by driving the S pin low, then shifting the instruction code 3Bh followed by a 24-bit address (A23-A0) into the D pin, and finally adding eight dummy clock cycles, as shown in Figure 18. The code and address bits are latched on the rising edge of the C pin. After the eight dummy clock cycles are received, the data byte of the addressed memory location is shifted out (MSB first) on the DQ1 and DQ0 pins (every two bits interleave on the two I/O pins), on the falling edge of C. The address is automatically incremented to the next higher address after each data byte is shifted out, so the whole memory can be read out with a Fast read dual instruction. The address counter rolls over to 0 after the highest address is reached. The instruction is completed by driving the S pin high. During the dummy clock cycles, the data value on the D pin is Don't care, and the Q pin is high-Z. Figure 18. Fast read dual output with one dummy byte 0 1 2 3 4 5 6 7 8 9 10 29 30 31 A23 A22 A21 A2 A1 A0 High impedance C D-DQ0 Q-DQ1 S FDREAD instruction 24-bit address MS55470V1 Dummy clock cycles Data Out 2 Data Out 1 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 Q6 Q4 Q2 Q0 Q6 Q4 Q2 Q0 Q7 Q5 Q3 Q1 Q7 Q5 Q3 Q1 M95P16-I M95P16-E Fast read dual output with one dummy byte (3Bh) DS13710 - Rev 1 page 28/63 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |