công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6983IQTR bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện L6983IQTR
Giải thích chi tiết về linh kiện  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button L6983IQTR Datasheet HTML 15Page - STMicroelectronics L6983IQTR Datasheet HTML 16Page - STMicroelectronics L6983IQTR Datasheet HTML 17Page - STMicroelectronics L6983IQTR Datasheet HTML 18Page - STMicroelectronics L6983IQTR Datasheet HTML 19Page - STMicroelectronics L6983IQTR Datasheet HTML 20Page - STMicroelectronics L6983IQTR Datasheet HTML 21Page - STMicroelectronics L6983IQTR Datasheet HTML 22Page - STMicroelectronics L6983IQTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
6.2
Output voltage load regulation
Primary output load regulation
Figure 20 shows negligible primary output voltage variation (normalized to the value measured at IOUT = 0 A) over
the entire output current range for the L6983I with VOUTprim = 5 V.
Figure 20. Load regulation of the primary not isolated output voltage (VIN = 12 V, VOUT_prim = 5 V, fSW = 400
kHz)
Secondary output load regulation
Since there is no regulation loop involving the secondary output, its load regulation depends, to some extent,
on the primary load regulation and is affected by the leakage inductance (see Figure 22) of the transformer,
the voltage drops across to the Schottky diode (diode forward voltage) and the DCR of the secondary coil, as
indicated by the equation (Eq. (1)) (where only the last two contributions are considered). Minimizing all the
mentioned parameters leads to a better load regulation.
As shown in Section 6.1 , the input voltage also plays a role in the isolated output regulation, as depicted by
Figure 21.
Figure 21. Load regulation of the secondary isolated output voltage (VIN = 12 V, VOUT_prim = 5 V, fSW = 400
kHz, N = 6)
-30%
-20%
-10%
0%
10%
20%
30%
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
Isolated output current [A]
Vin = 12V
Vin = 18V
Vin = 24V
L6983I
Output voltage load regulation
DS14040 - Rev 1
page 19/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com