công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6983IQTR bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện L6983IQTR
Giải thích chi tiết về linh kiện  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button L6983IQTR Datasheet HTML 40Page - STMicroelectronics L6983IQTR Datasheet HTML 41Page - STMicroelectronics L6983IQTR Datasheet HTML 42Page - STMicroelectronics L6983IQTR Datasheet HTML 43Page - STMicroelectronics L6983IQTR Datasheet HTML 44Page - STMicroelectronics L6983IQTR Datasheet HTML 45Page - STMicroelectronics L6983IQTR Datasheet HTML 46Page - STMicroelectronics L6983IQTR Datasheet HTML 47Page - STMicroelectronics L6983IQTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
11
Application board
The application board (STEVAL-L6983IV1) schematic is shown in the figure below.
Figure 50. Schematic of the application board (unregulated isolated output)
The additional input filter (in the dotted box in Figure 50, on the bottom side of the board) limits the conducted
emission on the power supply. In case the filter is not necessary or should be bypassed for any test, two 0 Ω
resistors should be placed at Rf1 and Rf2.
The isolated output supplied by the board is unregulated. Nevertheless, a post-regulation circuit (see schematic in
Figure 51) is provided on the bottom side (components not mounted). The values and the components indicated
in the BOM below (Table 9 ) are assumed for a dual voltage 18 V / - 5 V.
Figure 51. Proposed circuitry for post-regulation (not mounted, bottom side) for dual voltage (18 V / - 5 V)
If a different dual isolated voltage is necessary (for example, 15 V / - 6 V), the replacement of two components is
enough to adapt the board: the Zener diode DZ2 (with a diode providing the most suitable Zener voltage) and the
resistor divider (one of the two resistors) R1-R2, in accordance with the equation:
VISO+=1.2V∙R1+R2R2+VDZ1
(48)
L6983I
Application board
DS14040 - Rev 1
page 44/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com