công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LIS2DUXS12TR bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện LIS2DUXS12TR
Giải thích chi tiết về linh kiện  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 22Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 23Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 24Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 25Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 26Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 27Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 28Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 29Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
5.8
Adaptive self-configuration (ASC)
The LIS2DUXS12 supports the adaptive self-configuration (ASC) feature, which allows the FSM to automatically
reconfigure the device in real time based on the detection of a specific motion pattern or based on the output of a
specific decision tree configured in the MLC, without any intervention from the host processor. The FSM can write
a subset of the device registers using the SETR command, which allows indicating the register address and the
new value to be written in such a register. The access to these device registers is mutually exclusive with respect
to the host.
LIS2DUXS12
Adaptive self-configuration (ASC)
DS14035 - Rev 2
page 26/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com