| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LIS2DUXS12 bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DUXS12 bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 104 page ![]() 10.8 FSM_INT1 (0Bh) INT1 pin control register (R/W) Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of the selected signals. Table 148. FSM_INT1 register INT1_FSM8 INT1_FSM7 INT1_FSM6 INT1_FSM5 INT1_FSM4 INT1_FSM3 INT1_FSM2 INT1_FSM1 Table 149. FSM_INT1 register description INT1_FSM8(1) Enables routing FSM8 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM7(1) Enables routing FSM7 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM6(1) Enables routing FSM6 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM5(1) Enables routing FSM5 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM4(1) Enables routing FSM4 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM3(1) Enables routing FSM3 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM2(1) Enables routing FSM2 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM1(1) Enables routing FSM1 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) 1. This bit is active if the INT1_EMB_FUNC bit of MD1_CFG (1Fh) is set to 1. LIS2DUXS12 FSM_INT1 (0Bh) DS14035 - Rev 2 page 69/104 |