| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9969X bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9969X bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 70 page ![]() 3.2.7.6.2 Status register (read and write access) Table 32. Register DIA_REG1 Bit 7 6 5 4 3 2 1 0 Bit-Name NABE_DIS OT Var1 Var0 DIA21 DIA20 DIA11 DIA10 POR x 1 1 1 1 1 1 1 SPIR x 1 x x 1 1 1 1 ENDISR x 1 x x 1 1 1 1 RDR x x x x x x x x DIACLR1 x 1 x x 1 1 1 1 Controller access: read/write (write-access: WR_DIA1) (read-access: RD_DIA1) Bit Name Description 7 NABE_DIS 0: NABE = Low or/and DIS = High 1: NABE = High and DIS = Low (not latched) (r) 6 OT 0: Over Temperature 1: no Over Temperature (latched) (r) 5 VAR1 r/w for special use (latched) (r/w) 4 VAR0 r/w for special use (latched) (r/w) 3 DIA21 See Table 33 below (r) 2 DIA20 1 DIA11 0 DIA10 Table 33. Diagnosis bits (DIA_REG1) DIA21 DIA20 DIA11 DIA10 Description Remark 0 0 0 0 Not used 0 0 0 1 Short Circuit to Ground at OUT1 (SCG1) latched 0 0 1 0 Short Circuit to Ground on OUT2 (SCG2) latched 0 0 1 1 Not used 0 1 0 0 0 1 0 1 Short Circuit to Battery on OUT1 (SCB1) latched 0 1 1 0 Short Circuit to Battery on OUT2 (SCB2) latched 0 1 1 1 Short Circuit across load (SCL) latched 1 0 0 0 Short Circuit to Battery at disabled output latched 1 0 0 1 Short Circuit to Ground at disabled output latched 1 0 1 0 Open Load (at disabled output or in active) latched 1 0 1 1 Not used 1 1 0 0 1 1 0 1 Undervoltage at pin VS Not latched 1 1 1 0 Not used L9969x Functional behavior in detail DS14029 - Rev 3 page 46/70 |