| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-332VC bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 67 page ![]() Figure 3. BlueNRG-LPS RF block diagram Note: QFN32: VSS through exposed pad,and VSSRF pins must be connected to ground plane. CSP36: VSSRF pins must be connected to ground plane. Note: QFN32: VSS through exposed pad,and VSSRF pins must be connected to ground plane. CSP36: VSSRF pins must be connected to ground plane. 2.5.2 IPDs for BlueNRG-LPS Table 2 lists the available IPD variants for the BlueNRG-LPS device. Table 2. IPDs for BlueNRG-LPS IPD MCU Package BlueNRG-LPS part number MLPF-NRG-01D3 QFN32 BlueNRG-332A WLCSP36 BlueNRG-332V BlueNRG-LPS RF subsystem DS13819 - Rev 4 page 9/67 |