| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-332VC bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 67 page ![]() 1 Introduction This document provides the ordering information and mechanical device characteristics of the microcontrollers, based on Arm® core. This document must be read in conjunction with the BlueNRG-LPS reference manual (RM0491) and the BlueNRG-LPS radio controller reference manual (RM0498). For information on the device errata with respect to the datasheet and reference manual, refer to the BlueNRG- LPS errata sheet (ES0576). For information on the Arm® Cortex®-M0+ core, refer to the Cortex®-M0+ technical reference manual, available from the www.arm.com website. For information on Bluetooth® refer to www.bluetooth.com website. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. BlueNRG-LPS Introduction DS13819 - Rev 4 page 5/67 |