| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2ICS5401EW/V7 bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS5401EW/V7 bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 25 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 8.1.3.18 Write EAS ID Command Code = A7h With the command Write EAS ID a new EAS Identifier is stored in the corresponding configuration memory. If EAS is password protected (for Set and Reset EAS) the EAS password has to be transmitted before with the Set Password command. Table 61. Request format SOF Flags Write EAS IC Mfg code UID EAS ID value CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 16 bits 8 bits Table 62. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 63. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits 8.1.3.19 Read EPC Command Code = A8h On the command Read EPC the I•CODE SLI-S/I•CODE SLI-S HC ICs will respond with the EPC Data, if a Destroy EPC command had not been executed before. Table 64. Request format SOF Flags Read EPC IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 65. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 66. Response format when Error_flag is NOT set SOF Flags EPC CRC16 EOF 8 bits 96 bits, MSB first 16 bits 8.2 EPC command set 8.2.1 Begin round As defined in EPC Specification “13.56 MHz ISM Band Class 1 Radio Frequency (RF) Identification Tag Interface Specification”. 8.2.2 Write block As defined in EPC Specification “13.56 MHz ISM Band Class 1 Radio Frequency (RF) Identification Tag Interface Specification”. |