| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2ICS5401EW/V7 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS5401EW/V7 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 18 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 8.1.3.9 Destroy SLI-S Command Code = B9h With the Destroy SLI-S command the I•CODE SLI-S/I•CODE SLI-S HC Label IC can be destroyed if the Destroy SLI-S password has been transmitted before. This command is irreversible and the I•CODE SLI-S/I•CODE SLI-S HC will never respond to any command again (ISO and EPC commands). Remark: The Destroy SLI-S can only be executed in addressed or selected mode. Table 34. Request format SOF Flags Destroy SLI-S IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits 16 bits 8 bits Table 35. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 36. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits 8.1.3.10 Enable privacy Command Code = BAh With the Enable Privacy command the I•CODE SLI-S/I•CODE SLI-S HC Label IC can be set into the Privacy mode. The I•CODE SLI-S/I•CODE SLI-S HC will not respond to any command except Get Random Number and Set Password. To get out of the Privacy Status the valid Privacy password has to be transmitted to the IC with the Set Password command. Table 37. Request format SOF Flags Enable Privacy IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 38. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 39. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits |