công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P80C32X2FN bảng dữ liệu(PDF) 55 Page - NXP Semiconductors

tên linh kiện P80C32X2FN
Giải thích chi tiết về linh kiện  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P80C32X2FN bảng dữ liệu(HTML) 55 Page - NXP Semiconductors

Back Button P80C32X2FN Datasheet HTML 51Page - NXP Semiconductors P80C32X2FN Datasheet HTML 52Page - NXP Semiconductors P80C32X2FN Datasheet HTML 53Page - NXP Semiconductors P80C32X2FN Datasheet HTML 54Page - NXP Semiconductors P80C32X2FN Datasheet HTML 55Page - NXP Semiconductors P80C32X2FN Datasheet HTML 56Page - NXP Semiconductors P80C32X2FN Datasheet HTML 57Page - NXP Semiconductors P80C32X2FN Datasheet HTML 58Page - NXP Semiconductors P80C32X2FN Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
55
80C54X2 ROM CODE SUBMISSION
When submitting a ROM code for the 80C54X2, the following must be specified:
1. 16 kbyte user ROM data
2. 64 byte ROM encryption key
3. ROM security bits.
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 3FFFH
DATA
7:0
User ROM Data
4000H to 403FH
KEY
7:0
ROM Encryption Key
FFH = no encryption
4040H
SEC
0
ROM Security Bit 1
0 = enable security
1 = disable security
4040H
SEC
1
ROM Security Bit 2
0 = enable security
1 = disable security
Security Bit 1: When programmed, this bit has two effects on masked ROM parts:
1. External MOVC is disabled, and
2. EA is latched on Reset.
Security Bit 2: When programmed, this bit inhibits Verify User ROM.
NOTE: Security Bit 2 cannot be enabled unless Security Bit 1 is enabled.
If the ROM Code file does not include the options, the following information must be included with the ROM code.
For each of the following, check the appropriate box, and send to Philips along with the code:
Security Bit #1:
V Enabled
V Disabled
Security Bit #2:
V Enabled
V Disabled
Encryption:
V No
V Yes
If Yes, must send key file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com