công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P80C32X2FN bảng dữ liệu(PDF) 44 Page - NXP Semiconductors

tên linh kiện P80C32X2FN
Giải thích chi tiết về linh kiện  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P80C32X2FN bảng dữ liệu(HTML) 44 Page - NXP Semiconductors

Back Button P80C32X2FN Datasheet HTML 40Page - NXP Semiconductors P80C32X2FN Datasheet HTML 41Page - NXP Semiconductors P80C32X2FN Datasheet HTML 42Page - NXP Semiconductors P80C32X2FN Datasheet HTML 43Page - NXP Semiconductors P80C32X2FN Datasheet HTML 44Page - NXP Semiconductors P80C32X2FN Datasheet HTML 45Page - NXP Semiconductors P80C32X2FN Datasheet HTML 46Page - NXP Semiconductors P80C32X2FN Datasheet HTML 47Page - NXP Semiconductors P80C32X2FN Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
44
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal. The
designations are:
A – Address
C – Clock
D – Input data
H – Logic level high
I – Instruction (program memory contents)
L – Logic level low, or ALE
P – PSEN
Q – Output data
R– RD signal
t – Time
V – Valid
W– WR signal
X – No longer a valid logic level
Z – Float
Examples: tAVLL = Time for address valid to ALE low.
tLLPL =Time for ALE low to PSEN low.
tPXIZ
ALE
PSEN
PORT 0
PORT 2
A0–A15
A8–A15
A0–A7
A0–A7
tAVLL
tPXIX
tLLAX
INSTR IN
tLHLL
tPLPH
tLLIV
tPLAZ
tLLPL
tAVIV
SU00006
tPLIV
Figure 27. External Program Memory Read Cycle
ALE
PSEN
PORT 0
PORT 2
RD
A0–A7
FROM RI OR DPL
DATA IN
A0–A7 FROM PCL
INSTR IN
P2.0–P2.7 OR A8–A15 FROM DPF
A0–A15 FROM PCH
tWHLH
tLLDV
tLLWL
tRLRH
tLLAX
tRLAZ
tAVLL
tRHDX
tRHDZ
tAVWL
tAVDV
tRLDV
SU00025
Figure 28. External Data Memory Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com