| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25TB02K bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TB02K bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 47 page ![]() 8.10 Power-on state After power-on, the ST25TB02K is in the following state: • It is in the low-power state. • It is in Ready state. • It shows highest impedance with respect to the reader antenna field. • It will not respond to any command except Initiate(). ST25TB02K Power-on state DS11469 - Rev 7 page 33/47 |