| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25TB02K bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TB02K bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 47 page ![]() Figure 17. Description of a possible anticollision sequence Slot 0 Slot 1 Reader ST25TBxxx devices Timing t0+t1 Comment Time Collision Slot 2 S O F ... Slot N t2 t0+t1 t2 No collision t3 Answer Chip_ID X0h S O F E O F Answer Chip_ID X1h S O F E O F Answer Chip_ID X1h S O F E O F Slot Marker (15) S O F E O F Slot 15 Answer Chip_ID XFh S O F E O F E O F PCALL 16 Request S O F Slot Marker (1) S O F E O F Slot Marker (2) S O F E O F ... E O F No collision No Answer t0+t1 t2 t2 1. The value X in the answer Chip_ID means a random hexadecimal character from 0 to F. 7.1 Description of an anticollision sequence The anticollision sequence is initiated by the Initiate() command which triggers all the ST25TB02K devices that are present in the reader field range, and that are in Inventory state. Only ST25TB02K devices in Inventory state will respond to the Pcall16() and Slot_marker(SN) anticollision commands. A new ST25TB02K introduced in the field range during the anticollision sequence will not be taken into account as it will not respond to the Pcall16() or Slot_marker(SN) command (Ready state). To be considered during the anticollision sequence, it must have received the Initiate() command and entered the Inventory state. Table 8 shows the elements of a standard anticollision sequence. (See Table 9 for an example.) ST25TB02K Description of an anticollision sequence DS11469 - Rev 7 page 19/47 |