| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25R3920 bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3920 bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 152 page ![]() DS13261 Rev 9 53/152 ST25R3920 Application information 151 Figure 20 shows how to read a single byte from a register. Figure 20. Reading a single byte from a register Loading data into FIFO or PT_Memory (FIFO/PT_Memory load) Loading data into FIFO or PT_Memory is similar to writing data into addressable registers. After the I2C slave address the mode byte to trigger a load of the FIFO or selected PT_Memory area is sent (see Table 9) followed by the data bytes to be loaded. Figure 21 shows how to load data into the FIFO. Figure 21. FIFO load Reading data from the FIFO Reading data from the FIFO is similar to reading data from addressable registers. After the I2C slave address the mode byte to trigger a read of the FIFO is sent. After receiving the FIFO read mode byte the ST25R3920 sends data bytes from the FIFO for as long as the MCU keeps reading the bus. Figure 22. FIFO read MS51655V2 SCL SDA A 6 A 5 A 4 A 3 A 2 A 1 A 0 1 R 5 R 4 R 3 R 2 R 1 A C K P S Slave address A 6 A 5 A 4 A 3 A 2 A 1 R 0 A C K A 0 1 Register address D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data S Slave address 0 0 A C K N A K MS51656V1 SCL SDA A 6 A 5 A 4 A 3 A 2 A 1 A 0 0 0 00 000 A C K 1 P S Data Slave address D 7 D 6 D 5 D 4 D 3 D 2 0 A C K D 1 D 0 D 3 D 2 D 1 D 0 A C K D 5 D 4 D 7 D 6 Data FIFO load A C K MS51657V1 SCL SDA A 6 A 5 A 4 A 3 A 2 A 1 A 0 0 0 01 111 A C K 1 S Slave address 1 A C K FIFO read P Slave address A 2 A 1 A 0 1 A C K A 4 A 3 A 6 A 5 S Data D 3 D 2 D 1 D 0 N A K D 5 D 4 D 7 D 6 |