công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32G0C1VCT3 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện STM32G0C1VCT3
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1VCT3 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button STM32G0C1VCT3 Datasheet HTML 32Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 33Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 34Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 35Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 36Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 37Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 38Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 39Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 159 page
background image
Functional overview
STM32G0C1xC/xE
36/159
DS13564 Rev 4
3.27
USB Type-C™ Power Delivery controller
The device embeds two controllers (UCPD1 and UCPD2) compliant with USB Type-C Rev.
1.2 and USB Power Delivery Rev. 3.0 specifications.
The controllers use specific I/Os supporting the USB Type-C and USB Power Delivery
requirements, featuring:
•
USB Type-C pull-up (Rp, all values) and pull-down (Rd) resistors
•
“Dead battery” support
•
USB Power Delivery message transmission and reception
•
FRS (fast role swap) support
The digital controller handles notably:
•
USB Type-C level detection with de-bounce, generating interrupts
•
FRS detection, generating an interrupt
•
byte-level interface for USB Power Delivery payload, generating interrupts (DMA
compatible)
•
USB Power Delivery timing dividers (including a clock pre-scaler)
•
CRC generation/checking
•
4b5b encode/decode
•
ordered sets (with a programmable ordered set mask at receive)
•
frequency recovery in receiver during preamble
The interface offers low-power operation compatible with Stop mode, maintaining the
capacity to detect incoming USB Power Delivery messages and FRS signaling.
3.28
Controller area network (FDCAN)
The controller area network (CAN) subsystem consists of two CAN modules and a message
RAM.
The CAN modules are compliant with ISO 11898-1 (CAN protocol specification version 2.0
part A, B) and CAN FD protocol specification version 1.0.
The 1-Kbyte message RAM per CAN module implements filters, receive FIFOs, receive
buffers, transmit event FIFOs, and transmit buffers.
3.29
Development support
3.29.1
Serial wire debug port (SW-DP)
An Arm SW-DP interface is provided to allow a serial wire debugging tool to be connected to
the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com