công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32G0C1VCT3 bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện STM32G0C1VCT3
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1VCT3 bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button STM32G0C1VCT3 Datasheet HTML 31Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 32Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 33Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 34Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 35Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 36Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 37Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 38Page - STMicroelectronics STM32G0C1VCT3 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 159 page
background image
DS13564 Rev 4
35/159
STM32G0C1xC/xE
Functional overview
36
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600
baud. Therefore, even in Stop mode, the LPUART can wait for an incoming frame while
having an extremely low energy consumption. Higher speed clock can be used to reach
higher baudrates.
The LPUART interface can be served by the DMA controller.
3.25
Serial peripheral interface (SPI)
The device contains three SPIs running at up to 32 Mbits/s in master and slave modes. It
supports half-duplex, full-duplex and simplex communications. A 3-bit prescaler gives eight
master mode frequencies. The frame size is configurable from 4 bits to 16 bits. The SPI
peripherals support NSS pulse mode, TI mode and hardware CRC calculation.
The SPI peripherals can be served by the DMA controller.
The I2S interface mode of the SPI peripheral (if supported, see the following table) supports
four different audio standards can operate as master or slave, in half-duplex communication
mode. It can be configured to transfer 16 and 24 or 32 bits with 16-bit or 32-bit data
resolution and synchronized by a specific signal. Audio sampling frequency from 8 kHz up to
192 kHz can be set by an 8-bit programmable linear prescaler. When operating in master
mode, it can output a clock for an external audio component at 256 times the sampling
frequency.
3.26
Universal serial bus device (USB) and host (USBH)
The devices embed a USB controller with full-speed USB device and host functionality
compliant with the USB specification version 2.0. The internal USB PHY supports USB FS
signaling, embedded DP pull-up and also battery charging detection according to Battery
Charging Specification Revision 1.2. The USB interface implements a full-speed (12 Mbit/s)
function interface with added support for USB 2.0 Link Power Management. It has software-
configurable endpoint setting with packet memory up to 1 KB and suspend/resume support.
It requires a precise 48 MHz clock that is generated from the internal main PLL (the clock
source must use a HSE crystal oscillator) or by the internal 48 MHz oscillator in automatic
trimming mode. The synchronization for this oscillator can be taken from the USB data
stream itself (SOF signalization) which allows crystal less operation.
Table 10. SPI/I2S implementation
SPI features(1)
1. X = supported.
SPI1
SPI2
SPI3
Hardware CRC calculation
X
X
Rx/Tx FIFO
X
X
NSS pulse mode
X
X
I2S mode
X
-
TI mode
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com