công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32C011F6Y6 bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện STM32C011F6Y6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6Y6 bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button STM32C011F6Y6 Datasheet HTML 19Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 20Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 21Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 22Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 23Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 24Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 25Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 26Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
DS13866 Rev 3
23/94
STM32C011x4/x6
Functional overview
26
Features of the RTC:
•
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), week day, date,
month, year, in BCD (binary-coded decimal) format
•
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month
•
Programmable alarm
•
On-the-fly correction from 1 to 32767 RTC clock pulses, usable for synchronization with
a master clock
•
Reference clock detection - a more precise second-source clock (50 or 60 Hz) can be
used to improve the calendar precision
•
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal
inaccuracy
•
Timestamp feature to save a calendar snapshot, triggered by an event on the
timestamp pin
•
Multiple clock sources and references:
–
a 32.768 kHz external crystal (LSE)
–
an external resonator or oscillator (LSE)
–
the internal low-power RC oscillator (LSI, with typical frequency of 32 kHz)
–
the high-speed external clock (HSE) divided by 32
The RTC operates in Run, Sleep, and Stop mode.
RTC events (Alarm, Timestamp) can generate an interrupt and wake the device up from the
low-power modes.
3.17
Inter-integrated circuit interface (I2C)
The device embeds one I2C peripheral. Refer to Table 8 for the features.
The I2C-bus interface handles communication between the microcontroller and the serial
I2C-bus. It controls all I2C-bus-specific sequencing, protocol, arbitration and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com