công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32C011F6Y6 bảng dữ liệu(PDF) 64 Page - STMicroelectronics

tên linh kiện STM32C011F6Y6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6Y6 bảng dữ liệu(HTML) 64 Page - STMicroelectronics

Back Button STM32C011F6Y6 Datasheet HTML 60Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 61Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 62Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 63Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 64Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 65Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 66Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 67Page - STMicroelectronics STM32C011F6Y6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
64/94
DS13866 Rev 3
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 18 and
Table 51, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 23: General
operating conditions.
Table 50. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2)
|IIO| = 8 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
V
VOH
Output high level voltage
VDD - 0.4
-
VOL(3) Output low level voltage
TTL port(2)
|IIO| = 8 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
VOH(3) Output high level voltage
2.4
-
VOL(3) Output low level voltage
All I/Os
|IIO| = 20 mA
2.7 V ≤ VDD ≤ 3.6 V
-1.3
VOH(3) Output high level voltage
VDD- 1.3
-
VOL(3) Output low level voltage
|IIO| = 4 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.45
VOH(3) Output high level voltage
VDD - 0.45
-
VOLFM+
(3)
Output low level voltage for an FT I/O
pin in FM+ mode
|IIO| = 20 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
|IIO| = 10 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified inTable 20:
Voltage characteristics , and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ∑IIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Specified by design – Not tested in production.
Table 51. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
2
MHz
C=50 pF, 2 V ≤ VDD ≤ 2.7 V
-
0.35
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
3.00
C=10 pF, 2 V ≤ VDD ≤ 2.7 V
-
0.45
Tr/Tf
Output rise and fall time(3)
C=50 pF,2.7 V ≤ VDD ≤ 3.6 V
-
100.00
ns
C=50 pF, 2 V ≤ VDD ≤ 2.7 V
-
225.00
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
75.00
C=10 pF, 2 V ≤ VDD ≤ 2.7 V
-
150.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com