| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPM066S bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM066S bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 67 page ![]() Symbol Parameter Test condition Min. Typ. Max. Unit VUV_L Under voltage threshold at falling edge of output (as % of typical output voltage) SPI bit = 1 - 86 - % VUV_HYS Hysteresis of UV - - 2 3 % VOV_H_BUCK VOV_H_BOOST, LDO VOV_H_VREF Over voltage threshold at rising edge of output (as % of typical output voltage) BUCK_XTH<2> = 0 BOOST_XTH<2> = 0 VREF_XTH<1> = 0 (default) -3.5 107 108 108 +3.5 % VOV_H_BUCK VOV_H_BOOST, LDO VOV_H_VREF Over voltage threshold at rising edge of output (as % of typical output voltage) BUCK_XTH<2> = 1 BOOST_XTH<2> = 1 VREF_XTH<1> = 1 -3.5 112 113 113 +3.5 % VOV_HYS Hysteresis of OV - - 2 3 % tUV_filter, BOOST, Vref Under voltage threshold filter time - - 16 - µs tOV_filter, BOOST, Vref Over voltage threshold filter time - - 16 - µs tUV_filter_BUCK Under voltage threshold filter time - - 40 - µs tOV_filter_BUCK Over voltage threshold filter time - - 40 - µs Power Good VPG PGx Threshold as % of typical output voltage SPI bit = 0 (default) - 95 99 % VPG PGx Threshold as % of typical output voltage SPI bit = 1 - 90 94 % tGLITCH_PG Glitch Filter Time for PG - - 60 - µs Watchdog trigger time VHWDI WDI pin threshold high - 2.3 - - V VLWDI WDI pin threshold low - – - 1 V TLW Long open window - 160 200 240 ms TEFW1 Early Failure Window 1 WD_TWIN<1:0> = 00 - - 6.4 ms TLFW1 Late Failure Window 1 WD_TWIN<1:0> = 00 15.6 - - ms TSW1 Safe Window 1 WD_TWIN<1:0> = 00 7.8 - 12.7 ms TEFW2 Early Failure Window 2 WD_TWIN<1:0> = 01 - - 12.7 ms TLFW2 Late Failure Window 2 WD_TWIN<1:0> = 01 31.1 - - ms TSW2 Safe Window 2 WD_TWIN<1:0> = 01 15.6 - 25.5 ms TEFW3 Early Failure Window 3 WD_TWIN<1:0> = 10 - - 25.5 ms TLFW3 Late Failure Window 3 WD_TWIN<1:0> = 10 62.2 - – ms TSW3 Safe Window 3 WD_TWIN<1:0> = 10 31.1 - 50.9 ms STPM066S Electrical characteristics DS12976 - Rev 2 page 12/67 |