công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 264 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 264 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 260Page - STMicroelectronics STM32U535CB Datasheet HTML 261Page - STMicroelectronics STM32U535CB Datasheet HTML 262Page - STMicroelectronics STM32U535CB Datasheet HTML 263Page - STMicroelectronics STM32U535CB Datasheet HTML 264Page - STMicroelectronics STM32U535CB Datasheet HTML 265Page - STMicroelectronics STM32U535CB Datasheet HTML 266Page - STMicroelectronics STM32U535CB Datasheet HTML 267Page - STMicroelectronics STM32U535CB Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 278 page
background image
Package information
STM32U535xx
264/278
DS14217 Rev 1
6.5
WLCS56 package information
This WLCSP is a 56-ball, 3.3 x 3.38 mm, 0.40 mm pitch, wafer level chip scale package.
Figure 68. WLCSP56 - Outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010. The tolerance of position that controls the location of the pattern of
balls with respect to datums X and Y. For each ball there is a cylindrical tolerance zone ccc perpendicular to datum Z and
located on true position with respect to datums X and Y as defined by e. The axis perpendicular to datum Z of each ball
must lie within this tolerance zone.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
G
F
e1
A1 BALL LOCATION
e
e2
A
B
C
D
E
F
G
H
e
BOTTOM VIEW
SIDE VIEW
FRONT VIEW
TOP VIEW
DETAIL A
ROTATED 90
(not in scale)
A1
bbb Z
DETAIL A
A
A2
SEATING PLANE
ccc
ddd
Z
Z XY
eee Z
Z
BUMP
b (56x)
B0H4_WLCSP56_ME_V1
A1 ORIENTATION
REFERENCE
X
aaa
(4X)
Y
D
E
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com