công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 252 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 252 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 248Page - STMicroelectronics STM32U535CB Datasheet HTML 249Page - STMicroelectronics STM32U535CB Datasheet HTML 250Page - STMicroelectronics STM32U535CB Datasheet HTML 251Page - STMicroelectronics STM32U535CB Datasheet HTML 252Page - STMicroelectronics STM32U535CB Datasheet HTML 253Page - STMicroelectronics STM32U535CB Datasheet HTML 254Page - STMicroelectronics STM32U535CB Datasheet HTML 255Page - STMicroelectronics STM32U535CB Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 278 page
background image
Electrical characteristics
STM32U535xx
252/278
DS14217 Rev 1
5.3.37
USB_FS characteristics
5.3.38
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in the tables below are derived from tests
performed under the ambient temperature, fHCLKx frequency and VDD supply voltage
conditions summarized in Table 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output
characteristics.
Table 129. USB_FS characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDDUSB
USB transceiver operating supply voltage
-
3.0(1)
-3.6
V
RPUI
Embedded USB_DP pullup value during idle
-
900
-
1575
Ω
RPUR
Embedded USB_DP pullup value during reception
-
1425
-
3090
ZDRV
Output driver impedance(2)
High and low driver
28
36
44
1. USB functionality is ensured down to 2.7 V, but some USB electrical characteristics are degraded in 2.7 to 3.0 V range.
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-). The matching impedance is
already included in the embedded driver.
Table 130. JTAG characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FTCK
TCK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
38
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
-
26
tisu(TMS)
TMS input setup time
-
1
-
-
ns
tih(TMS)
TMS input hold time
-
3
-
-
tisu(TDI)
TDI input setup time
-
2
-
-
tih(TDI)
TDI input hold time
-
1
-
-
tov(TDO)
TDO output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
9
13
ns
1.71 V ≤ VDD ≤ 3.6 V
-
9
19
toh(TDO)
TDO output hold time
-
7
-
-
1. Evaluated by characterization. Not tested in production.
Table 131. SWD characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FSWCLK
SWCLK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
66.5
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
-
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com