công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 248 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 248 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 244Page - STMicroelectronics STM32U535CB Datasheet HTML 245Page - STMicroelectronics STM32U535CB Datasheet HTML 246Page - STMicroelectronics STM32U535CB Datasheet HTML 247Page - STMicroelectronics STM32U535CB Datasheet HTML 248Page - STMicroelectronics STM32U535CB Datasheet HTML 249Page - STMicroelectronics STM32U535CB Datasheet HTML 250Page - STMicroelectronics STM32U535CB Datasheet HTML 251Page - STMicroelectronics STM32U535CB Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 278 page
background image
Electrical characteristics
STM32U535xx
248/278
DS14217 Rev 1
Figure 53. SPI timing diagram - slave mode and CPHA = 0
tv(SO)
Data output valid
time
Slave mode, 2.7 V ≤ VDDIOX ≤ 3.6 V,
voltage range 1
-11.5
14
ns
Slave mode, 1.71 V ≤ VDDIOX < 2.7 V,
voltage range 1
-11.5
13.5
or 20(4)
Slave mode, 1.71 V ≤ VDDIOX ≤ 3.6 V,
voltage range 4
-17
19.5
or 27(4)
Slave mode, 1.08 V ≤ VDDIO2 ≤ 1.32 V(5)
-21
25
tv(MO)
Master mode
-
1.5
3 or 9.5(7)
or 12.5(8)
th(SO)
Data output hold time
Slave mode, 1.71 V ≤ VDDIOX ≤ 3.6 V
7
-
-
Slave mode, 1.08 V ≤ VDDIO2 ≤ 1.32 V(5)
15
-
-
th(MO)
Master mode
0.5
-
-
1. Evaluated by characterization. Not tested in production.
2. When using PA5, PA9, PC10, PB3, PB13.
3. The maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) that has to fit into SCK low
or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50%.
4. When using PA11, PB4, PB14.
5. The SPI is mapped on port G I/Os, that is supplied by VDDIO2 specified down to 1.08V. The SPI is tested at this value.
6. tSCK = tspi_ker_ck × baudrate prescaler.
7. When using PA12.
8. When using PB15.
Table 127. SPI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv41658V1
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tc(SCK)
tr(SCK)
th(NSS)
tdis(SO)
tsu(NSS)
ta(SO)
tv(SO)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(SO)
tf(SCK)
Last bit IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com