công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 214 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 214 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 210Page - STMicroelectronics STM32U535CB Datasheet HTML 211Page - STMicroelectronics STM32U535CB Datasheet HTML 212Page - STMicroelectronics STM32U535CB Datasheet HTML 213Page - STMicroelectronics STM32U535CB Datasheet HTML 214Page - STMicroelectronics STM32U535CB Datasheet HTML 215Page - STMicroelectronics STM32U535CB Datasheet HTML 216Page - STMicroelectronics STM32U535CB Datasheet HTML 217Page - STMicroelectronics STM32U535CB Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 278 page
background image
Electrical characteristics
STM32U535xx
214/278
DS14217 Rev 1
The maximum value of RAIN can be found in the table below.
IDDA_s(ADC)
ADC consumption on
VDDA Singe-ended
mode
fs = 2.5 Msps,
resolution = 14 bits
-
980
-
µA
fs = 1 Msps,
resolution = 14 bits
-
550
-
fs = 10 ksps,
resolution = 14 bits
-
130
-
fs = 2.5 Msps,
resolution = 12 bits
-
900
-
fs = 2.5 Msps,
resolution = 10 bits
-
840
-
fs = 2.5 Msps,
resolution = 8bits
-
770
-
IDDV_s(ADC)
ADC consumption on
VREF+ Single-ended
mode
fs = 2.5 Msps,
resolution = 14 bits
-
160
-
µA
fs = 1 Msps,
resolution = 14 bits
-90
-
fs = 10 ksps,
resolution = 14 bits
-15
-
fs = 2.5 Msps,
resolution = 12 bits
-
150
-
fs = 2.5 Msps,
resolution = 10 bits
-
150
-
fs = 2.5 Msps,
resolution = 8bits
-
150
-
1. Specified by design. Not tested in production.
2. The voltage booster on the ADC switches must be used when VDDA < 2.4 V (embedded I/O switches).
3. Degraded differential linearity error below 10 MHz.
4. Depending on the package,
VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA.
5. The tolerance is 4 LSBs for 14-bit resolution, and 2 LSBs for 12-bit, 10-bit and 8-bit resolutions.
Table 101. 14-bit ADC1 characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 102. Maximum RAIN for 14-bit ADC1(1)(2) (3)
Resolution
RAIN max (Ω)
Sampling time [ns]
Sampling cycle at 5 MHz Sampling cycle at 55 MHz
14 bits
(2 LSB
tolerance)
47
142
512
68
145
100
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com