công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 212 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 212 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 208Page - STMicroelectronics STM32U535CB Datasheet HTML 209Page - STMicroelectronics STM32U535CB Datasheet HTML 210Page - STMicroelectronics STM32U535CB Datasheet HTML 211Page - STMicroelectronics STM32U535CB Datasheet HTML 212Page - STMicroelectronics STM32U535CB Datasheet HTML 213Page - STMicroelectronics STM32U535CB Datasheet HTML 214Page - STMicroelectronics STM32U535CB Datasheet HTML 215Page - STMicroelectronics STM32U535CB Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 278 page
background image
Electrical characteristics
STM32U535xx
212/278
DS14217 Rev 1
5.3.18
14-bit analog-to-digital converter (ADC1) characteristics
Unless otherwise specified, the parameters given in the table below are values derived from
tests performed under ambient temperature, fHCLK frequency and VDDA supply voltage
conditions summarized in Table 32.
Note:
It is recommended to perform a calibration after each power-up.
Table 101. 14-bit ADC1 characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog power supply for
ADC ON
-1.62
-
3.6
V
VREF+
Positive reference
voltage
VDDA ≥ 2 V
2
-
VDDA
VDDA < 2 V
VDDA
VREF-
Negative reference
voltage
-VSSA
fADC
ADC clock frequency
1.62 V ≤ VDDA ≤ 3.6 V
5(3)
-55
MHz
ADC clock ratio
-
45
-
55
%
fs
Sampling rate
Resolution = 14 bits
0.23
-
2.5
Msps
Resolution = 12 bits
0.25
-
2.75
Resolution = 10 bits
0.28
-
3.05
Resolution = 8 bits
0.31
-
3.44
tTRIG
External trigger period
Resolution = 14 bits
26
-
-
1/fADC
VAIN(4)
Conversion voltage
range
-0
-
VREF+
V
VCIMV
Common mode input
voltage
-VREF+/2 - 10% VREF+/2 VREF+/2 + 10%
V
RAIN(5)
External input
impedance
Resolution = 14 bits
Tj = 130 °C
-
-
1000
Ω
Resolution = 12 bits
Tj = 130 °C
-
-
1000
Resolution = 10 bits
Tj = 130 °C
-
-
4700
Resolution = 8 bits
Tj = 130 °C
-
-
22000
CADC
Internal sample and
hold capacitor
--
5
-
pF
tADCVREG_
STUP
ADC LDO startup time
-
-
-
17
µs
tSTAB
ADC power-up time
LDO already started
(3 × 1/fADC) + 1 conversion
Cycle
tCAL
Offset and linearity
calibration time
-
25502
1/fADC
tOFF_CAL
Offset calibration time
-
683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com