| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1311 bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS1311 bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 25 page ![]() www.national.com 10 Revision 2.2 Signal Definitions (Continued) Table 2-2. Ball Assignment Sorted by Ball Number Ball No. Signal Name Type A1 PCI_AD23 I/O A2 PCI_IDSEL I A3 PCI_AD24 I/O A4 PCI_AD27 I/O A5 PCI_AD28 I/O A6 PCI_AD31 I/O A7 PCI_INTD# I/OD A8 PCI_INTB# I/O/OD A9 NC --- A10 NC --- A11 NC --- A12 SPDO O A13 AO_SD2 O A14 AO_SCK I/O A15 AO_WS I/O A16 AI_SCK I/O A17 VI_DVALID I A18 VI_DATA8 I A19 VI_DATA5 I A20 VI_DATA4 I B1 PCI_AD20 I/O B2 PCI_AD19 I/O B3 PCI_C/BE3# I/O B4 PCI_AD26 I/O B5 PCI_GNT# I B6 PCI_AD30 I/O B7 PCI_REQ# O B8 PCI_INTC# I/OD B9 NC --- B10 NC --- B11 NC --- B12 AO_SD4 O B13 AO_SD1 O B14 AO_OSCLK O B15 AI_OSCLK O B16 AI_WS I/O B17 VI_DATA9 I B18 VI_DATA7 I B19 VI_DATA3 I B20 VI_DATA2 I C1 PCI_AD18 I/O C2 PCI_AD21 I/O C3 PCI_AD22 I/O C4 PCI_AD25 I/O C5 VSS GND C6 PCI_AD29 I/O C7 VCC PWR C8 VDD PWR C9 PCI_INTA# I/OD C10 VCC PWR C11 VCC PWR C12 AO_SD3 O C13 VDD PWR C14 VCC PWR C15 AI_SD I C16 VSS GND C17 VI_DATA6 I C18 VREF_PERIPH PWR C19 VI_DATA1 I C20 VI_CLK I/O D1 PCI_AD16 I/O D2 PCI_C/BE#2 I/O D3 PCI_AD17 I/O D4 VSS GND D5 VSS GND D6 VCC PWR D7 VCC PWR D8 VDD PWR D9 VDD PWR D10 VCC PWR D11 VCC PWR D12 VDD PWR D13 VDD PWR D14 VCC PWR D15 VCC PWR D16 VSS GND D17 VSS GND D18 VI_DATA0 I D19 NC --- D20 SCANCPU I E1 PCI_IRDY# I/O E2 PCI_FRAME# I/O E3 VSS GND E4 VSS GND E17 VSS GND E18 VSS GND E19 NC --- E20 JTAG_TMS I F1 PCI_DEVSEL# I/O F2 VREF_PCI PWR F3 PCI_TRDY# I/O F4 VCC PWR F17 VCC PWR F18 JTAG_TDO I/O F19 JTAG_TCK I F20 JTAG_TDI I G1 PCI_PERR# I/O G2 PCI_STOP# I/O G3 VCC PWR G4 VCC PWR G17 VCC PWR G18 VCC PWR Ball No. Signal Name Type G19 TRI_RESET# I G20 TRI_USERIRQ I H1 PCI_PAR I/O H2 PCI_SERR# OD H3 VDD PWR H4 VDD PWR H8 VSS GND H9 VSS GND H10 VSS GND H11 VSS GND H12 VSS GND H13 VSS GND H17 VDD PWR H18 VDD PWR H19 TRI_TIMER_CLK I H20 VO_IO2 I/O J1 PCI_AD14 I/O J2 PCI_AD15 I/O J3 PCI_C/BE1# I/O J4 VDD PWR J8 VSS GND J9 VSS GND J10 VSS GND J11 VSS GND J12 VSS GND J13 VSS GND J17 VDD PWR J18 VO_IO1 I/O J19 VO_CLK I/O J20 VO_DATA7 O K1 PCI_AD12 I/O K2 PCI_AD13 I/O K3 VCC PWR K4 VCC PWR K8 VSS GND K9 VSS GND K10 VSS GND K11 VSS GND K12 VSS GND K13 VSS GND K17 VCC PWR K18 VCC PWR K19 VO_DATA6 O K20 VDDQ PWR L1 PCI_AD11 I/O L2 PCI_AD10 I/O L3 VCC PWR L4 VCC PWR L8 VSS GND Ball No. Signal Name Type |