| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1311 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS1311 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 25 page ![]() www.national.com 6 Revision 2.2 System Architecture (Continued) 1.2.4 Software Component Pricing and Licensing National delivers and supports a complete software solu- tion when paired up with the WindowsCE.net or Linux operating system. The delivered software is a compilation of software created by National Semiconductor, Philips Semiconductors and Microsoft. Customers may need sep- arate pricing and support agreements for Windows Media Technology (Microsoft), BIOS, Operating System, and mid- dleware. National’s pricing excludes fundamental patents: MPEG-1, -2, -4 (MPEG-LA) and MP3 (Thomson Multime- dia/Fraunhofer ILS). The following tables list the associ- ated software, their respective owners and the licensing requirements for each. 1.2.4.1 Codec Software The codec software includes video and audio decoders and operates on the CS1301/CS1311 (see Table 1-1). This software performs the task of decoding the encoded media content, which are the workhorses of the solution. 1.2.4.2 Host Filter Software The DirectShow filter is the core piece of software that inte- grates the CS1301/CS1311 media companion with Microsoft DirectShow (see Table 1-2). Table 1-1. Codec Software Components IP Owner(s) Available as Source/Binary Licensing Requirements TM MP3 Decoder Philips Semiconductors Binary Licensee is responsible for licensing of all fundamental patents. TM MP3 Basic Application TM MPEG-1 Video Decoder TM MPEG-1 Audio Decoder TM MPEG-2 Video Decoder TM MPEG-2 Audio Decoder TM AC-3 Audio Decoder TM MPEG-2 Program Stream Demux TM MPEG-2 Basic Application TM MPEG-4 Video Decoder TM MPEG-4 AAC Audio Decoder TM MPEG-4 CELP Audio Decoder TM MPEG-1 File Parser and Demultiplexer TM MPEG-4 Basic Application TM WMT v8 Video Decoder National Semiconductor Microsoft Binary Microsoft WMT license required. TM WMT v8 Audio Decoder Table 1-2. Host Filter Software Components IP Owner Available as Source/Binary Licensing Requirements DirectShow Filter National Semiconductor Binary Not licensed as source code. |