| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1301 bảng dữ liệu(PDF) 20 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS1301 bảng dữ liệu(HTML) 20 Page - National Semiconductor (TI) |
|
20 / 25 page ![]() www.national.com 20 Revision 2.2 Signal Definitions (Continued) 2.2.9 ACCESS.bus Interface Signals Signal Name Ball No. Type Description IIC_SDA R19 I/OD ACCESS.bus Serial Data. IIC_SCL R20 I/OD ACCESS.bus Serial Clock. 2.2.10 JTAG Interface Signals Signal Name Ball No. Type Description JTAG_TDI F20 I JTAG Test Data Input. JTAG_TDO F18 I/O JTAG Test Data Output. This pin can either drive active low, high or float. JTAG_TCK F19 I JTAG Test Clock Input. JTAG_TMS E20 I JTAG Test Mode Select Input. 2.2.11 Test and Measurement Interface Signals Signal Name Ball No. Type Description BOOT_CLK T20 I Boot Clock. Used for testing purposes. Must be connected to TRI_CLKIN for normal operation. TESTMODE P19 I Test Mode. Used for testing purposes. Must be connected to VSS for normal operation. SCANCPU D20 I Scan CPU. Used for testing purposes. Must be connected to VSS for normal operation. |