| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD301A/KYX bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD301A/KYX bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 40 page ![]() UPD301A DS00002838B-page 8 2018-2019 Microchip Technology Inc. 2.2.2 TWO-PORT APPLICATIONS (E.G., AUTOMOTIVE REAR SEAT CHARGING) Some applications, such as a automotive rear seat charging port, may need up to two USB Type-C™ power delivery ports. These ports can be implemented by connecting a UPD301A and a UPD350 via the SPI interface, as shown in Figure 2-2. The UPD301A will execute the stack for the UPD350. The two-port implementation supports dynamic power allocation (e.g., go-to power min based on an external input). The integrated DAC from the UPD301A and additional GPIOs from the UPD350 control the DC-DC converter, selecting the voltages, and control the load switch to regulate and protect the output voltage. The load switch can also be replaced by discrete FETs and over-current / over-voltage protection circuits. FIGURE 2-2: SYSTEM BLOCK DIAGRAM - TWO-PORT APPLICATION Microchip UPD301A CC1 CC2 VBUS 60W Load Switch DC In Load Switch DC‐DC Converter VBUS 60W Load Switch DC In Load Switch DC‐DC Converter Microchip UPD350 CC1 CC2 SPI M S DC In Configuration Straps BOO T_SEL DC_DC_SEL PDP_SEL0 PDP_SEL1 I2C_ADDR_SEL |