| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD301A/KYX bảng dữ liệu(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD301A/KYX bảng dữ liệu(HTML) 24 Page - Microchip Technology |
|
24 / 40 page ![]() UPD301A DS00002838B-page 24 2018-2019 Microchip Technology Inc. 4.6.2 UNSUPPORTED PD MESSAGES The following USB PD Control messages are not supported: • GotoMin • DR_Swap •PR_Swap • Get_Source_Cap_Extended • Get_Status •FR_Swap • Get_PPS_Status • Get_Country_Codes The following USB PD Data messages are not supported: • Battery_Status •Alert • Get_Country_Info • Vendor_Defined The following USB PD Extended messages are not supported: • Source_Capabilities_Extended • Status • Get_Battery_Cap • Get_Battery_Status • Battery_Capabilities • Manufacturer_Info • Security_Request • Security_Response • PPS_Status • Country_Info • Country_Codes 4.6.3 SOURCE POWER DELIVERY OBJECTS (PDOS) The PDOs defined in the USB PD Specification Section 10.2.2 are used when in Source Role based on the selected value of the PDP_SEL0 configuration strap and for the external UPD350 when in Source Role based on the selected value of the PDP_SEL1. These are the PDOs returned in the PD Source_Capabilities message and correspond to the capabilities of the Source power supply. |